|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Conformal Coated Inductors - Axial ctparts.com CTC1F Series From .10 H to 1,000 H Part Number CTC1F-R10_ CTC1F-R12_ CTC1F-R15_ CTC1F-R18_ CTC1F-R22_ CTC1F-R27_ CTC1F-R33_ CTC1F-R39_ CTC1F-R47_ CTC1F-R56_ CTC1F-R68_ CTC1F-R82_ CTC1F-1R0_ CTC1F-1R2_ CTC1F-1R5_ CTC1F-1R8_ CTC1F-2R2_ CTC1F-2R7_ CTC1F-3R3_ CTC1F-3R9_ CTC1F-4R7_ CTC1F-5R6_ CTC1F-6R8_ CTC1F-8R2_ CTC1F-100_ CTC1F-120_ CTC1F-150_ CTC1F-180_ CTC1F-220_ CTC1F-270_ CTC1F-330_ CTC1F-390_ CTC1F-470_ CTC1F-560_ CTC1F-680_ CTC1F-820_ CTC1F-101_ CTC1F-121_ CTC1F-151_ CTC1F-181_ CTC1F-221_ CTC1F-271_ CTC1F-331_ CTC1F-391_ CTC1F-471_ CTC1F-561_ CTC1F-681_ CTC1F-821_ CTC1F-102_ Not shown at actual size. SPECIFICATIONS Please specify tolerance code when ordering. CTC1F-R10_ J = 5%, K = 10%, M = 20% L Test Freq. (MHz) 25 25 25 25 25 25 25 25 25 25 25 25 25 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 Q Factor Min. 40 40 38 38 33 33 30 30 30 30 28 28 25 25 28 30 30 37 45 45 45 50 50 55 55 45 45 50 50 50 45 45 45 45 50 50 50 30 30 30 30 30 30 30 30 30 30 30 30 Q Test Freq. (MHz) 25 25 25 25 25 25 25 25 25 25 25 25 25 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 SRF Min. (MHz) 680 640 600 550 510 430 410 365 330 300 275 250 230 150 140 125 115 100 90 80 75 65 60 55 50 40 35 30 25 20 24 22 20 18 15 14 13 12 11 10 9.0 8.0 7.0 6.5 6.0 5.0 4.2 3.8 3.4 DCR Max. () .08 .09 .10 .12 .14 .16 .22 .30 .35 .50 .60 .85 1.0 .18 .22 .30 .40 .55 .90 1.0 1.2 1.8 2.0 2.7 3.3 2.7 2.8 3.1 3.3 3.5 3.4 3.6 4.5 5.7 6.7 7.3 8.0 13 15 17 21 25 28 35 42 46 60 65 72 Rated DC (mA) 1380 1300 1230 1120 1040 975 830 710 660 550 500 420 390 620 560 480 415 355 285 263 239 195 185 160 144 144 144 144 144 140 130 125 110 100 92 88 84 68 61 57 52 47 45 40 38 35 30 28 28 Inductance (H) .10 .12 .15 .18 .22 .27 .33 .39 .47 .56 .68 .82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 Compliant RoHS CHARACTERISTICS Description: Axial leaded conformal coated inductor Applications: Used in less harsh environments. Ideal for less critical RFL/EMI applications Operating Temperature: -55C to +125C Inductance Tolerance: 5%, 10%, 20% Material: Epoxy resin over coil. Magnetic core (ferrite or iron) except for values .10 H to 1.0 H (phenolic) Packaging: Bulk pack, 1,000 parts per bag, Tape & Reel, 5,000 parts per reel Marking: Parts are EIA color banded which indicates inductance value and tolerance Testing: Inductance and Q are tested on an HP4285A at specified frequency Miscellaneous: RoHS Compliant. Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information. PHYSICAL DIMENSIONS Size mm inches A Max. 6.22 0.245 2.3 0.25 0.09 0.01 B C Nom. 26.7 1.05 24 AWG Nom. 0.5110 0.02010 12.12.05 Technologies Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US Copyright (c) 2005 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL |
Price & Availability of CTC1F |